PART |
Description |
Maker |
CY7C178-10NC CY7C178-12JC CY7C178-8NC CY7C178 CY7C |
16-Bit Level Shifting Transceiver 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 10 ns, PQCC52 32K x 18 Synchronous Cache RAM 32K的18同步高速缓存内 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 8.5 ns, PQFP52 IC DRVR UNIV 20BIT 3ST 56-TSSOP 18-Bit Universal Bus Driver, LE/
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
GS81032AT-150I GS81032AT-138I GS81032AT-133I GS810 |
18ns 66MHz 32K x 32 1Mb synchronous burst SRAM 12ns 100MHz 32K x 32 1Mb synchronous burst SRAM 10ns 133MHz 32K x 32 1Mb synchronous burst SRAM 9.7ns 138MHz 32K x 32 1Mb synchronous burst SRAM 11ns 117MHz 32K x 32 1Mb synchronous burst SRAM 9ns 150MHz 32K x 32 1Mb synchronous burst SRAM 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 9.7 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 18 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM 32K X 32 CACHE SRAM, 10 ns, PQFP100 32K x 32 1M Synchronous Burst SRAM
|
GSI Technology, Inc.
|
GS816018 GS816032 GS816032T-133IT GS816032T-250IT |
512K X 36 CACHE SRAM, 7.5 ns, PQFP100 512K X 32 CACHE SRAM, 5.5 ns, PQFP100 512K X 32 CACHE SRAM, 8.5 ns, PQFP100 18Mb Burst SRAMs 512K X 36 CACHE SRAM, 7 ns, PQFP100
|
GSI Technology
|
IS61SF12832-10TQ IS61SF12832-10TQI IS61SF12832-8.5 |
x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 8 ns, PBGA119 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 8.5 ns, PQFP100 Octal D-Type Transparent Latches With 3-State Outputs 20-SO -40 to 85 128K X 32 CACHE SRAM, 8 ns, PQFP100 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 10 ns, PBGA119 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 32 CACHE SRAM, 10 ns, PQFP100 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 12 ns, PQFP100 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 32 CACHE SRAM, 7.5 ns, PQFP100 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP -40 to 85
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
ACT-PS512K8 ACT-9S512K8N-010L2I ACT-9S512K8N-010L2 |
ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM 16-Bit Delta-Sigma ADC with internal reference, PGA and oscillator. I2C Serial Interface 6-SOT-23 512K X 8 CACHE SRAM, 17 ns, PDSO36 0.930 X 0.405 INCH, 0.148 INCH HEIGHT, PLASTIC, SOJ-36 512K X 8 CACHE SRAM, 25 ns, PDSO36 0.930 X 0.405 INCH, 0.148 INCH HEIGHT, PLASTIC, SOJ-36 ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM 行为PS512K8高兆位单片SRAM的塑 512K X 8 CACHE SRAM, 15 ns, PDSO36 512K X 8 CACHE SRAM, 20 ns, PDSO36
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc. Aeroflex Circuit Techno...
|
AS5SP128K36DQ-35XT AS5SP128K36DQ-35ET AS5SP128K36D |
128K X 36 CACHE SRAM, 3.5 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 128K X 36 CACHE SRAM, 4 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 Plastic Encapsulated Microcircuit 4.5Mb, 128K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
|
Austin Semiconductor, Inc
|
IS61LV632A IS61LV632A-4PQ IS61LV632A-4TQ IS61LV632 |
32K X 32 CACHE SRAM, 5 ns, PQFP100 32K X 32 CACHE SRAM, 6 ns, PQFP100 x32 Fast Synchronous SRAM X32号,快速同步SRAM 32K x 32 SYNCHRONOUS FAST STATIC RAM
|
INTEGRATED SILICON SOLUTION INC Xilinx, Inc. Integrated Silicon Solution, Inc
|
CY7C1329 CY7C1329-100AC CY7C1329-133AC 7C1329 CY7C |
From old datasheet system 64K x 32 Synchronous-Pipelined Cache RAM 64K X 32 CACHE SRAM, 5 ns, PQFP100 64K x 32 Synchronous-Pipelined Cache RAM 64K X 32 CACHE SRAM, 7 ns, PQFP100
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1338F CY7C1338F-100AI CY7C1338 CY7C1338F-66BGI |
DIODE ZENER TRIPLE ISOLATED 200mW 36Vz 0.05mA-Izt 0.05 0.05uA-Ir 27.3 SOT-363 3K/REEL 128K X 32 CACHE SRAM, 11 ns, PBGA119 DIODE ZENER TRIPLE ISOLATED 200mW 39Vz 0.05mA-Izt 0.05 0.05uA-Ir 29.6 SOT-363 3K/REEL 128K X 32 CACHE SRAM, 11 ns, PBGA119 4-Mb (128K x 32) Flow-Through Sync SRAM 128K X 32 CACHE SRAM, 11 ns, PQFP100 DIODE ZENER TRIPLE ISOLATED 200mW 33Vz 0.05mA-Izt 0.05 0.05uA-Ir 25 SOT-363 3K/REEL 128K X 32 CACHE SRAM, 11 ns, PQFP100 4-Mb (128K x 32) Flow-Through Sync SRAM 128K X 32 CACHE SRAM, 7.5 ns, PQFP100
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1383DV25-133AXC CY7C1381DV25-133AXC CY7C1381DV |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM 1M X 18 CACHE SRAM, 6.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM 1M X 18 CACHE SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM 1M X 18 CACHE SRAM, 8.5 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1367C-166BGC CY7C1366C-200BZI CY7C1366C-200BZC |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PBGA119 Low Cost, Single, 300 MHz Voltage Feedback Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 256K X 36 CACHE SRAM, 3 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA165
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
|